PART |
Description |
Maker |
IR21091S IR21091 |
Half Bridge Driver. Soft Turn-On. Single Input Plus Shut-Down. Programmable 0.5-5us Deadtime in a 8-lead SOIC package Half Bridge Driver. Soft Turn-On. Single Input Plus Shut-Down. Programmable 0.5-5us Deadtime in a 8-pin DIP package HALF-BRIDGE DRIVER Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Programmable 0.5-5us Deadtime in a 8-pin DIP package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Programmable 0.5-5us Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
IR2214SSPBF IR2214SSTRPBF |
2 A HALF BRIDGE BASED PRPHL DRVR, PDSO24 HALF-BRIDGE GATE DRIVER IC
|
International Rectifier
|
IRS2003SPBF IRS2003PBF IRS2003PBF-15 |
HALF BRIDGE BASED PRPHL DRVR, PDSO8 ROHS COMPLIANT, PLASTIC, MS-012AA, SOIC-8 Floating channel designed for bootstrap operation HALF-BRIDGE DRIVER
|
Kontron AG International Rectifier
|
ISL6571 ISL6571CR ISL6571CR-T ISL6571EVAL1 |
MOSFET Driver with Integrated FETs, Synchronous Half-Bridge, 1MHz Freq, use with HIP6301 Controller Complementary MOSFET Driver and Synchronous Half-Bridge Switch
|
INTERSIL[Intersil Corporation]
|
FAN7842_07 FAN7842 FAN7842M FAN7842MX FAN784207 |
Half Bridge Gate Driver 0.65 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High and Low Side Gate Driver
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IR01H420-P2 IR01HD214 IR01D214 IR01D214-P2 IR01D22 |
250V Hi-Voltage Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package HIGH VOLTAGE HALF BRIDGE
|
IRF[International Rectifier]
|
FAN7390M1X |
Half Bridge Gate Driver; Package: SOP; No of Pins: 14; Container: Tape & Reel HALF BRIDGE BASED PRPHL DRVR, PDSO14
|
Fairchild Semiconductor, Corp.
|
IR51H224 IR51H320 IR51H420 IR51HD224 IR51HD320 IR5 |
SELF-OSCILLATING HALF BRIDGE 400V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
IS0-2100ARH-Q |
High Frequency Half Bridge Driver; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) 1.5 A HALF BRDG BASED MOSFET DRIVER, UUC16
|
Intersil, Corp.
|
CAT24FC32ALTE13 CAT24FC32AYTE13 CAT24FC32A CAT24FC |
32-kb I 32K-Bit Fast Mode I2C Serial CMOS EEPROM ER 2C 2#8 SKT PLUG LM5104 High Voltage Half-Bridge Gate Driver with Adaptive Delay; Package: SOIC NARROW; No of Pins: 8 LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay; Package: LLP; No of Pins: 10
|
CATALYST[Catalyst Semiconductor]
|